Part Number Hot Search : 
6220BT6 MMSZ5250 FDH50N50 1N5258B STM8S10 LA112B FN3966 WSR5LFTA
Product Description
Full Text Search
 

To Download 1N5270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
. Standards zener voltage tolerance is 20%. Add suffix "A" for 10% tolerance and suffix "B" for 5% tolerance other tolerance, non standards and higher zener voltage upon request.
1N5221 THRU 1N5281
0.5W SILICON PLANAR ZENER DIODES
MECHANICAL DATA
. Case: DO-35 glass case . Polarity: Color band denotes cathode end . Weight: Approx. 0.13gram
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25
)
Symbols
Zener current see table "Characteristics" Power dissipation at TA=75 Junction temperature Storage temperature range Ptot TJ TSTG
Value
Units
5001) 175 -65 to + 175
mW
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS(TA=25
)
Symbols
Thermal resistance junction to ambient Forward voltage at IF=200mA RTHA VF
Min.
Typ.
Max. 0.31) 1.1
Units K/mW V
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 4
CE
CHENYI ELECTRONICS
1N5221 THRU 1N5281
0.5W SILICON PLANAR ZENER DIODES
1N5221...1N5249 SILICON PLANAR ZENER DIODES
Maximum Reverse Zener Voltage Range1) Type VZNOM 3) V 1N5221 1N5222 1N5223 1N5224 1N5225 1N5226 1N5227 1N5228 1N5229 1N5230 1N5231 1N5232 1N5233 1N5234 1N5235 1N5236 1N5237 1N5238 1N5239 1N5240 1N5241 1N5242 1N5243 1N5244 1N5245 1N5246 1N5247 1N5248 1N5249 2.4 2.5 2.6 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 9.5 9.0 8.5 7.8 7.4 7.0 6.6 20 <29 <28 <24 <23 <22 <19 <17 <11 <7 <7 <5 <6 <8 <8 <10 <17 <22 <30 <13 <15 <16 <17 <19 <21 <23 0.1 <600 <2 <1 <0.5 <30 IZT mA <1200 <1250 <1300 <1400 <1600 <1600 <1700 <1900 <2000 <1900 <1600 <1600 <1600 <1000 <750 <500 <500 3 0.25 5 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 Maximum zener impedance 1) Leakage Current
Temp.Coefficient of zener diode TKVZ
rzjt and rzjk at Izk
mA A <100 <100 <75 <75 <50 <25 <15 <10
IR 2) at VR V
%/K <-0.085 <-0.085 <-0.080 <-0.080
1.0
<-0.075 <-0.070 <-0.065 <-0.060 <+0.055 <+0.030 <+0.030 <+0.038 <+0.038 <+0.045 <+0.050 <+0.058 <+0.062 <+0.065 <+0.068 <+0.075 <+0.076 <+0.077 <+0.079 <+0.082 <+0.082 <+0.083 <+0.084 <+0.085 <+0.086
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 4
CE
CHENYI ELECTRONICS
1N5221 THRU 1N5281
0.5W SILICON PLANAR ZENER DIODES
1N5250...1N5281 SILICON PLANAR ZENER DIODES
Zener Voltage Range1) Type VZNOM 3) V 1N5250 1N5251 1N5252 1N5253 1N5254 1N5255 1N5256 1N5257 1N5258 1N5259 1N5260 1N5261 1N5262 1N5263 1N5264 1N5265 1N5266 1N5267 1N5268 1N5269 1N5270 1N5271 1N5272 1N5273 1N5274 1N5275 1N5276 1N5277 1N5278 1N5279 1N5280 1N5281 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 IZT mA 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.2 1.0 0.95 0.90 0.85 0.80 0.74 0.68 0.66 0.65 <25 <29 <33 <35 <41 <44 <49 <58 <70 <80 <93 <105 <125 <150 <170 <185 <230 <270 <330 <370 <400 <500 <700 <950 <1100 <1300 <1500 <1700 <1900 <2200 <2400 <2500 <700 <700 <800 <900 <1000 <1100 <1300 <1400 <1400 <1600 <1700 <2000 <2200 <2300 0.25 <0.1 <600 Maximum zener impedance 1) Maximum Reverse Leakage Current Temp.Coefficient of zener diode TKVZ V 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 75 83 90 98 105 113 120 127 135 142 150 %/K <+0.086 <+0.087 <+0.088 <+0.089 <+0.090 <+0.091 <+0.091 <+0.092 <+0.093 <+0.094 <+0.095 <+0.095 <+0.096 <+0.096 <+0.097 <+0.097 <+0.097 <+0.098 <+0.098 <+0.099 <+0.099 <+0.100 <+0.100 <+0.100 <+0.110 <+0.110 <+0.110 <+0.115 <+0.115 <+0.120 <+0.120 <+0.120
rzjt and rzjk at Izk
mA A
IR 2) at VR
(1)The Zener impedance is derived from the 60Hz Ac voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT) is suprimposed on IZT or IZK Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature. (3) Measured under thermal equilibrium and DC test conditions.
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 3 of 4
CE
CHENYI ELECTRONICS
1N5221 THRU 1N5281
0.5W SILICON PLANAR ZENER DIODES
1N5221...1N5281 SILICON PLANAR ZENER DIODES
Admissible power dissipation versus ambient temperature (Valid provided that leads at a distance of 10mm from case are kept at ambient temperature)
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 1N5270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X